PART |
Description |
Maker |
ISD1750A ISD1760A ISD1740A ISD1700A |
Multi-Message Single-Chip Voice Record&Playback Devices
|
Winbond Electronics WINBOND[Winbond]
|
ISD1800 I1810X I1810S I1810P I1800SERIES I1806X I1 |
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
|
Winbond Electronics WINBOND[Winbond]
|
ISD14B20 |
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
|
http://
|
585-3211 585-3213 585-3215 585-3221 585-3225 585-3 |
Multi-Chip BASED LED T1 3/4 Bi-Pin 585 SERIES BASED LEDs-MULTI-CHIP SINGLE COLOR DISPLAY CLUSTER, RED, 5.9 mm
|
Dialight Corporation Dialight PLC
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
SP506CF SP506 |
5V, Single Chip WAN Multi-Mode Serial Transceiver
|
SIPEX[Sipex Corporation]
|
SP506 |
5V Single Chip WAN Multi-Mode Serial Transceiver
|
Exar Corporation
|
RTL8139D-GR RTL8139D-LF RTL8139DL RTL8139DL-GR RTL |
SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
|
ETC
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
MP2B5038 MP2B5085 MP2B5052 MP2B5150 |
A multi chip power device for a Multi-Oscillated Current Resonant type Converter
|
Fuji Electric
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|